PART |
Description |
Maker |
BD62222HFP-TR |
H-bridge Drivers High current series
|
ROHM
|
TC4422VSM.SM713 TC4421 TC4421_04 TC4421CAT TC4421C |
The TC4421/4422 are high current buffer/drivers capable of driving large MOSFETs and IGBTs. They are essentially immune to any form ... 9A High-Speed MOSFET Drivers
|
MICROCHIP[Microchip Technology]
|
SB154 SB358 SB358W SB15 SB1505 SB1505M SB1505W SB1 |
Bridge: Standard High Current 15, 25, 35 AMPS. Single Phase Bridge Rectifiers High Current 15 25 35 AMPS Single Phase Bridge Rectifiers 高电15 25 35 AMPS二元单相桥式整流
|
Taiwan Semiconductor Co... TSC[Taiwan Semiconductor Company, Ltd] Taiwan Semiconductor Co., Ltd. Taiwan Semiconductor Compan...
|
TC1426CPA TC1427 TC1427CPA TC1428 TC1428COA TC1427 |
CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 600 A rms nominal, ±900 A range 1.2A的双路高速MOSFET驱动 1.2A Dual High-Speed MOSFET Drivers 1.2A的双路高速MOSFET驱动 The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. These devices are fabricated using an epitaxial layer to effectively short out the intrinsic parasitic The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. ...
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
BP5843 |
High-power LED Drivers for Ιllumination AC100V input, constant current High-power LED Drivers for ドllumination AC100V input, constant current
|
Rohm
|
MAX16833CAUE MAX16833CAUET MAX16833CAUE/V MAX16833 |
High-Voltage HB LED Drivers with Integrated High-Side Current Sense
|
MAXIM - Dallas Semiconductor
|
MAX5062DASA MAX5062 MAX5062AASA MAX5062BASA MAX506 |
125V/2A, High-Speed, Half-Bridge MOSFET Drivers
|
MAXIM[Maxim Integrated Products]
|
MAX5062_07 MAX5062 MAX5062AASA MAX5062BASA MAX5062 |
125V/2A, High-Speed, Half-Bridge MOSFET Drivers
|
MAXIM[Maxim Integrated Products]
|
ISL2100A |
(ISL2100A / ISL2101A) High Frequency Half-Bridge Drivers
|
Intersil Corporation
|
GBPC3506W GBPC3508W GBPC3508 GBPC35005 GBPC3501 GB |
Dual Audio Operational Amplifier 8-SOIC -40 to 85 HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 35 Amperes) HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 35 Amperes) Dual Audio Operational Amplifier 8-TSSOP -40 to 85
|
PanJit International Inc. PANJIT[Pan Jit International Inc.]
|
HD74LS259 |
Dual Very-High Speed, High-Current Peripheral Drivers 8-SOIC 0 to 70 8-bit Addressable Latches
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|